desco west: 3651 walnut ave., chino, ca 91710 web site: www.desco.com phone (909) 627-8178 fax (909) 627-7449 desco east: 90 hudson rd, canton, ma 02021-1407 phone (781) 821-8370 fax (781) 575-0172 date: 5/01 desco industries inc. employee owned material type b drawing pm-78 statfree ? material , vinyl, dissipative, homogeneous, .100" (2.5mm) description: this reversible vinyl material has a smooth finish on one side and a non- glare finish on the other. it may be used as a table or floor mat, with either side up. to extend life of mat, it can be turned over when one side is worn. statfree ? type b is manufactured without any ozone depleting substances, and in accordance with the montreal protocol. blue, brown, beige electrical properties: property t est method v alue rtg resistance: esd s4.1 10 9 - 10 10 ohms rtt resistance: esd s4.1 10 9 - 10 10 ohms electrical properties obtained by testing to industrial standards by an independent testing laboratory @ 100 volts and 50% relative humidity unless otherwise specified. complete text of the test report is available upon request. specifications: construction: homogeneous extruded thermoplastic vinyl thickness: 0.100" (2.54mm) texture:* embossed colors:* blue, brown, beige weight: 0.75 lbs/ft 2 (0.366 grams/cm 2 ) hardness: 80 shore a (astm d-2240) wear resistance: negligible weight loss (750 cycles, taber cs-17 method) *color and texture may vary between lots and mills grounding : this material must be properly grounded for optimum electrial performance. ask for technical bulleltin tb-2000 for mat grounding instructions. cleaning: for optimum electrical performance, surface must be cleaned regularly using an esd mat cleaner. we suggest using our reztore? surface & mat cleaner item #10435 or static-wipes item #10600. do not use cleaners with silicone. silicone buildup will create an insulative film on the surface. disclaimer: all statements, technical data, and recommendations contained herein are based upon tests we believe to be reliable. however, the accuracy or completeness thereof is not guaranteed. the proper and correct applications of products and data is the responsibility of the user. statements or recommendations not contained herein shall have no force or effect unless embodied in a written agreement signed by authorized officers of desco industries, inc. see reverse side for available mat and roll sizes matting materials have a tendency to shrink slightly when first unrolled. in applications where length is critical, allow the material to relax for at least 4 hours before cutting to size. always trim with a sharp knife or razor blade.
item number reference for statfree ? type b vinyl, dissipative, homogeneous kits roll stock hardware is not included with rolls. continuous runs of static dissipative materials should be grounded at six-foot intervals to ensure proper dissipation rates. 0.100" (2.54mm) thick rolls size beige blue brown 24" x 40' 16250 16260 16270 24" x 100' 16251 16261 16271 30" x 40' 16255 16265 16275 30" x 100' 16256 16266 16276 36" x 100' 16257 16267 16277 48" x 100' 16258 16268 16278 roll stock item numbers type b is also available in full rolls size beige blue brown 24" x 36" 16201 16213 16225 24" x 48" 16202 16214 16226 mat top kit item numbers mat top kit includes 1 benchmat, type b, size as specified 1 09826, common point ground cord 1 09864, universal snap kit look for the statfree ? brand on desco esd matting. all desco mat top kits are permanently marked for your protection and auditing purposes.
|